PART |
Description |
Maker |
GOT-3156T-823 |
Supports WLAN antenna
|
Axiomtek Co., Ltd.
|
GOT3157W-832-PCT-16 |
Supports WLAN module & antenna
|
Axiomtek Co., Ltd.
|
W1039B030 |
Dual Band WLAN Antenna
|
Pulse A Technitrol Company
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
804018K-2/595 804018K-2/596 802018K-3/595 804018KU |
20800 MHz - 23700 MHz PARABOLIC ANTENNA, 25 dBi GAIN 23700 MHz - 26500 MHz PARABOLIC ANTENNA, 25 dBi GAIN 14250 MHz - 16150 MHz PARABOLIC ANTENNA, 25 dBi GAIN 53000 MHz - 60000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 47000 MHz - 53000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 31000 MHz - 35500 MHz PARABOLIC ANTENNA, 25 dBi GAIN 40000 MHz - 47000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 75000 MHz - 87000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 26500 MHz - 31000 MHz PARABOLIC ANTENNA, 25 dBi GAIN
|
Bourns, Inc. Skyworks Solutions, Inc. TE Connectivity, Ltd. SKYWORKS SOLUTIONS INC
|
803048U-3/387 803018U-3/387 805048B-3/387 802006K- |
53000 MHz - 60000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 45000 MHz - 50000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 18000 MHz - 20800 MHz PARABOLIC ANTENNA, 25 dBi GAIN 40000 MHz - 47000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 26500 MHz - 31000 MHz PARABOLIC ANTENNA, 25 dBi GAIN
|
Skyworks Solutions, Inc. SKYWORKS SOLUTIONS INC
|
BGS13AL12 |
SP3T Antenna Switch with Antenna Termination Port
|
Infineon Technologies AG
|
HT150RS HT450RB MD821RC MX800RC SFU821RC MX150RS |
450 MHz - 470 MHz MOBILE STATION ANTENNA 821 MHz - 896 MHz MOBILE STATION ANTENNA 806 MHz - 866 MHz MOBILE STATION ANTENNA 150 MHz - 162 MHz MOBILE STATION ANTENNA
|
|
SPHL22136 SPHL22140 SPHL22144 SPHL22156 SPWH24918 |
HELIX ANTENNA MOBILE STATION ANTENNA
|
RADIALL S A
|
CXD3030 |
System-on-a-Chip (SoC) Device Supports 48′ Speed CD-ROM Drives System-on-a-Chip (SoC) Device Supports 48? Speed CD-ROM Drives System-on-a-Chip (SoC) Device Supports 48 Speed CD-ROM Drives System-on-a-Chip (SoC) Device Supports 48Speed CD-ROM Drives 系统级芯片(SoC)的设备支持48?速度CD - ROM驱动
|
Sony Corporation Sony, Corp.
|
ANP-C-115 |
1.9 GHz Patch Antenna for PCN 1850 MHz - 1990 MHz ANTENNA-OTHER, 4 dBi GAIN JT 79C 79#22D PIN RECP 1.9千兆赫的PCN贴片天线 Frequency 1850-1990 MHz, patch antenna for PCN
|
Tyco Electronics MA-Com
|